PART |
Description |
Maker |
ZREF50Z |
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
|
Diodes Incorporated
|
ZREF50 ZREF50D ZREF50Z |
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
|
ZETEX[Zetex Semiconductors]
|
ZRA400 ZRA400A01 ZRA400A02 ZRA400A03 ZRA400F01 ZRA |
PRECISION 4.0 VOLT MICROPOWER 精密4.0伏微功
|
Electronic Theatre Controls, Inc. ETC ZETEX[Zetex Semiconductors]
|
ZR285-25 |
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 精密2.5伏微功耗电压参
|
Zetex Semiconductor PLC
|
ZREF25Z02 |
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
|
Diodes Incorporated
|
LT1077AC LT1077ACH LT1077ACJ8 LT1077ACN8 LT1077AI |
Micropower, Single Supply, Precision Op Amp From old datasheet system Micropower/ Single Supply/ Precision Op Amp Micropower Single Supply Precision Op Amp JT 18C 18#20 SKT PLUG
|
LINER[Linear Technology] Linear Technology Corporation
|
LT1634 LT1634ACS8-1.25 LT1634ACS8-2.5 LT1634ACS8-4 |
Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PBCY3 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
PIC16LFR711-20I/SS PIC16FR71-16I/SO PIC16LFR71-16I |
Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5-LED Main/Sub Display Driver with Dual LDO; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C Fast Settling, JFET Input Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 Microcontroller 微控制器 Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器 Quad Protected High-Side MOSFET Driver; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 微控制器 Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器
|
外设及接 TDK, Corp. NIC Components, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc.
|
AS7C331MPFD32A-36A_V1.1 AS7C331MPFD36A-200TQIN AS7 |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 36 STANDARD SRAM, 3.1 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 1M X 36 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 1M x 32/36 pipelined burst synchronous SRAM 1M X 32 STANDARD SRAM, 3.8 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
MAX4198 MAX4198ESA MAX4198EUA MAX4199ESA MAX4199EU |
Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers OP-AMP, 2300 uV OFFSET-MAX, PDSO8 Micropower Single-Supply Rail-to-Rail Precision Differential Amplifiers Micropower / Single-Supply / Rail-to-Rail Precision Differential Amplifiers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX6034EXR21-T MAX6034AEXR21-T MAX6034BEXR21-T MAX |
Precision Micropower Low-Dropout SC70 Series Voltage Reference " Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference" Precision / Micropower / Low-Dropout / SC70 Series Voltage Reference 1-Form-A i4-PAC Package Products
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|